Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39080DT12-R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39080DT12-R
Description  Ultra low drop BICMOS voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080DT12-R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39080DT12-R Datasheet HTML 5Page - STMicroelectronics LD39080DT12-R Datasheet HTML 6Page - STMicroelectronics LD39080DT12-R Datasheet HTML 7Page - STMicroelectronics LD39080DT12-R Datasheet HTML 8Page - STMicroelectronics LD39080DT12-R Datasheet HTML 9Page - STMicroelectronics LD39080DT12-R Datasheet HTML 10Page - STMicroelectronics LD39080DT12-R Datasheet HTML 11Page - STMicroelectronics LD39080DT12-R Datasheet HTML 12Page - STMicroelectronics LD39080DT12-R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LD39080
Typical performance characteristics
9/20
6
Typical performance characteristics
(TJ = 25°C, VI = VO+1V, CI = 1µF, CO = 2.2µF, ILOAD = 10mA, VINH = VI, unless otherwise
specified)
Figure 7.
Output voltage vs temperature
Figure 8.
Dropout voltage vs temperature
Figure 9.
Dropout voltage vs output current
Figure 10.
Quiescent current vs output current
Figure 11.
Quiescent current vs supply
voltage
Figure 12.
Quiescent current vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com