Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39080DT12-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39080DT12-R
Description  Ultra low drop BICMOS voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39080DT12-R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39080DT12-R Datasheet HTML 1Page - STMicroelectronics LD39080DT12-R Datasheet HTML 2Page - STMicroelectronics LD39080DT12-R Datasheet HTML 3Page - STMicroelectronics LD39080DT12-R Datasheet HTML 4Page - STMicroelectronics LD39080DT12-R Datasheet HTML 5Page - STMicroelectronics LD39080DT12-R Datasheet HTML 6Page - STMicroelectronics LD39080DT12-R Datasheet HTML 7Page - STMicroelectronics LD39080DT12-R Datasheet HTML 8Page - STMicroelectronics LD39080DT12-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
January 2007
Rev. 1
1/20
20
LD39080
Ultra low drop BICMOS voltage regulator
Feature summary
■ 0.8A Guaranteed output current
■ Ultra low dropout voltage (150mV typ. @ 0.8A
load, 20mV typ. @150mA load)
■ Very low quiescent current (1mA typ. @ 0.8A
load, 1µA max @ 25°C in off mode)
■ Logic-controlled electronic shutdown
■ Current and thermal internal limit
■
±1.5% Output voltage tolerance @ 25°C
■ Fixed and ADJ output voltages: 1.22V, 1.8V,
2.5V, 3.3V, ADJ. (*see order code)
■ Temperature range: -40 to 125°C
■ Fast dynamic response to line and load
changes
■ Stable with ceramic capacitor (see paragraph
7.1, 7.2, 7.3)
■ Available in PPAK, DPAK and DFN8 (4x4mm)
Typical application
■ Microprocessor power supply
■ DSPs power supply
■ Post regulators for switching suppliers
■ High efficiency linear regulator
Description
The LD39080 is a fast ultra low drop linear
regulator which operates from 2.5V to 6V input
supply.
A wide range of output options are available. The
low drop voltage, low noise, and ultra low
quiescent current make it suitable for low voltage
microprocessor and memory applications. The
device is developed on a BiCMOS process which
allows low quiescent current operation
independently of output load current.
DFN8 (4x4 mm)
PPAK
DPAK
www.st.com
Order codes
Part numbers
Output voltage
DPAK (T&R)
PPAK (T&R)
DFN (1)
1.
Available on request
LD39080DT12-R
LD39080PU12R
1.22V
LD39080DT18-R
LD39080PT18-R
LD39080PU18R
1.8V
LD39080DT25-R
LD39080PT25-R
LD39080PU25R
2.5V
LD39080DT33-R
LD39080PT33-R
LD39080PU33R
3.3V
LD39080PT-R
LD39080PU-R
ADJ From 1.22 to 5.0V


Similar Part No. - LD39080DT12-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
Very low noise without bypass capacitor
11-Feb-2014
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39015J08R STMICROELECTRONICS-LD39015J08R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39015J10R STMICROELECTRONICS-LD39015J10R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39015J12R STMICROELECTRONICS-LD39015J12R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
More results

Similar Description - LD39080DT12-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
Ultra low drop BiCMOS voltage regulator
12-Jan-2009
logo
Shenzhen Huazhimei Semi...
HM6237 HMSEMI-HM6237 Datasheet
701Kb / 9P
Ultra low power low drop voltage small current voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com