Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF3NK100Z Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF3NK100Z
Description  N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3NK100Z Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF3NK100Z Datasheet HTML 8Page - STMicroelectronics STF3NK100Z Datasheet HTML 9Page - STMicroelectronics STF3NK100Z Datasheet HTML 10Page - STMicroelectronics STF3NK100Z Datasheet HTML 11Page - STMicroelectronics STF3NK100Z Datasheet HTML 12Page - STMicroelectronics STF3NK100Z Datasheet HTML 13Page - STMicroelectronics STF3NK100Z Datasheet HTML 14Page - STMicroelectronics STF3NK100Z Datasheet HTML 15Page - STMicroelectronics STF3NK100Z Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STF3NK100Z - STP3NK100Z - STD3NK100Z
Package mechanical data
13/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
b4
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
D1
5.1
0.200
E
6.4
6.6
0.252
0.260
E1
4.7
0.185
e
2.28
0.090
e1
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L
1
0.039
(L1)
2.8
0.110
L2
0.8
0.031
L4
0.6
1
0.023
0.039
R
0.2
0.008
V2
DPAK MECHANICAL DATA
0068772-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com