Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF3NK100Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF3NK100Z
Description  N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3NK100Z Datasheet(HTML) 5 Page - STMicroelectronics

  STF3NK100Z Datasheet HTML 1Page - STMicroelectronics STF3NK100Z Datasheet HTML 2Page - STMicroelectronics STF3NK100Z Datasheet HTML 3Page - STMicroelectronics STF3NK100Z Datasheet HTML 4Page - STMicroelectronics STF3NK100Z Datasheet HTML 5Page - STMicroelectronics STF3NK100Z Datasheet HTML 6Page - STMicroelectronics STF3NK100Z Datasheet HTML 7Page - STMicroelectronics STF3NK100Z Datasheet HTML 8Page - STMicroelectronics STF3NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STF3NK100Z - STP3NK100Z - STD3NK100Z
Electrical characteristics
5/16
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD= 500V, ID= 1.25A,
RG=4.7Ω, VGS=10V
(see Figure 16)
15
7.5
ns
ns
td(off)
tr
Turn-off delay time
Fall time
VDD= 500V, ID= 1.25A,
RG=4.7Ω, VGS=10V
(see Figure 16)
39
32
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by package
Source-drain current
Source-drain current
(pulsed)
2.5
10
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD= 2.5A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 2.5A, di/dt = 100A/µs,
VDD= 100V, Tj= 25°C
(see Figure 21)
584
2.3
8
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 2.5A, di/dt = 100A/µs,
VDD= 100V, Tj=150°C
(see Figure 21)
628
2.5
8.1
ns
µC
A
Table 9.
Gate-source zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
(1)
1.
The built in back-to-back zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated zener diodes thus avoid the
usage of external components.
Gate-source breakdown
voltage
IGS = ±1mA (open drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com