Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2161STR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPS2161STR
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2161STR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPS2161STR Datasheet HTML 8Page - STMicroelectronics STMPS2161STR Datasheet HTML 9Page - STMicroelectronics STMPS2161STR Datasheet HTML 10Page - STMicroelectronics STMPS2161STR Datasheet HTML 11Page - STMicroelectronics STMPS2161STR Datasheet HTML 12Page - STMicroelectronics STMPS2161STR Datasheet HTML 13Page - STMicroelectronics STMPS2161STR Datasheet HTML 14Page - STMicroelectronics STMPS2161STR Datasheet HTML 15Page - STMicroelectronics STMPS2161STR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Maximum ratings
STMPS2141, STMPS2151, STMPS2161, STMPS2171
12/34
Doc ID 13793 Rev 4
5
Maximum ratings
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
5.1
Absolute maximum ratings
5.2
Recommended operating conditions
Table 7.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
Input voltage range
–0.3 – 6.0
V
VO
Output voltage range
–0.3 – (Vi+0.3)
V
VIENX
EN Input voltage range
-0.3 – 6.0
V
IO
Continuous output current
Internally limited
−
ESD
ESD protection level
8
kV
TJ
Junction operating temperature
–40 to 125
°C
TSTG
Storage temperature
–55 to 150
°C
TR
Thermal resistance (MSOP8)
220
°C/W
TR
Thermal resistance (SOT23-5L)
191
°C/W
TR
Thermal resistance (SO-8)
160
°C/W
Table 8.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
VI
Input voltage
2.7
5.0
5.5
V
VO
Output voltage
0
5.0
5.5
V
IO
(STMPS2141
STMPS2151)
Continuous output current
0
-
500
mA
IO
(STMPS2161
STMPS2171)
Continuous output current
0
-
1000
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com