Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2161STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPS2161STR
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2161STR Datasheet(HTML) 1 Page - STMicroelectronics

  STMPS2161STR Datasheet HTML 1Page - STMicroelectronics STMPS2161STR Datasheet HTML 2Page - STMicroelectronics STMPS2161STR Datasheet HTML 3Page - STMicroelectronics STMPS2161STR Datasheet HTML 4Page - STMicroelectronics STMPS2161STR Datasheet HTML 5Page - STMicroelectronics STMPS2161STR Datasheet HTML 6Page - STMicroelectronics STMPS2161STR Datasheet HTML 7Page - STMicroelectronics STMPS2161STR Datasheet HTML 8Page - STMicroelectronics STMPS2161STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
July 2009
Doc ID 13793 Rev 4
1/34
34
STMPS2141, STMPS2151
STMPS2161, STMPS2171
Enhanced single channel power switches
Features
■ 90 m
Ω high-side MOSFET switch
■ 500/1000 mA continuous current
■ Thermal and short-circuit protection with
overcurrent logic output
■ Operating range from 2.7 V to 5.5 V
■ CMOS- and TTL-compatible enable inputs
■ Undervoltage lockout (UVLO)
■ 12 µA maximum standby supply current
■ Ambient temperature range, -40°C to 85°C
■ 8 kV ESD protection
■ Reverse current protection
■ Fault-blanking
Description
The STMPS2141, STMPS2151, STMPS2161,
STMPS2171 power distribution switches are
intended for applications where heavy capacitive
loads and short circuits are likely to be
encountered. These devices incorporate 90 m
Ω
N-channel MOSFET high-side power switches for
power-distribution. These switches are controlled
by a logic enable input.
Table 1.
Device summary
When the output load exceeds the current-limit
threshold or a short is present, the device limits
the output current to a safe level by switching into
a constant-current mode. When continuous heavy
overloads and short circuits increase the power
dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit
shuts the switch off to prevent damage. Recovery
from a thermal shutdown is automatic once the
device has cooled sufficiently. Internal circuitry
ensures the switch remains off until a valid input
voltage is present.
SOT23-5L
SO-8
MSOP8
Order codes
Current limit
(mA)
Enable
SO-8
SOT23-5L
MSOP8(1)
STMPS2141MTR
STMPS2141STR
STMPS2141TTR
500
Active low
STMPS2151MTR
STMPS2151STR
STMPS2151TTR
500
Active high
STMPS2161MTR
STMPS2161STR
STMPS2161TTR
1000
Active low
STMPS2171MTR
STMPS2171STR
STMPS2171TTR
1000
Active high
1.
MSOP8 package is also known as “TSSOP8”
www.st.com


Similar Part No. - STMPS2161STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2161STR STMICROELECTRONICS-STMPS2161STR Datasheet
1Mb / 30P
Enhanced single channel power switches
24-Jan-2008
More results

Similar Description - STMPS2161STR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
Single Pole Power Rocker Switches
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
Single Pole Power Rocker Switches
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141 Datasheet
1Mb / 30P
Enhanced single channel power switches
24-Jan-2008
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
Single Pole Power Rocker Switches
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
Single Pole Power Rocker Switches
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
Single Pole Power Rocker Switches
logo
STMicroelectronics
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
Enhanced dual-channel power switches
19-Jan-2011
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
logo
C&K Components
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
Single Pole Power Rocker Switches
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com