Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2242 Datasheet (PDF) - STMicroelectronics

STMPS2242 Datasheet PDF - STMicroelectronics
Part # STMPS2242
Download  STMPS2242 Download
File Size   1295.21 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced dual-channel power switches

STMPS2242 Datasheet (PDF)

Go To PDF Page Download Datasheet
STMPS2242 Datasheet PDF - STMicroelectronics

Part # STMPS2242
Download  STMPS2242 Click to download

File Size   1295.21 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced dual-channel power switches

STMPS2242 Datasheet (HTML) - STMicroelectronics


STMPS2242 Product details

Description
The STMPS2242/2252/2262/2272 power distribution switches are intended for applications where heavy capacitive loads and short-circuits are likely to be encountered. These devices incorporate 100 mΩ MOSFET high-side power switches for power distribution systems that require multiple power switches in a single package.

Features
■ 100 mΩ high-side MOSFET switch
■ 500 mA/1000 mA continuous current per channel
■ Thermal protection
■ Independent short-circuit protection with overcurrent logic output
■ Operating range from 2.7 V to 5.5 V
■ CMOS and TTL compatible inputs
■ 2.5 ms typical rise time
■ Undervoltage lockout
■ 13 µA maximum standby supply current
■ Ambient temperature range: -40 °C to 85 °C
■ 8 kV ESD protection
■ Reverse current protection
■ Fault blanking




Similar Part No. - STMPS2242

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2262 STMICROELECTRONICS-STMPS2262 Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
STMPS2262MTR STMICROELECTRONICS-STMPS2262MTR Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
STMPS2272 STMICROELECTRONICS-STMPS2272 Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
STMPS2272MTR STMICROELECTRONICS-STMPS2272MTR Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
More results


Similar Description - STMPS2242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
DUAL POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141 Datasheet
1Mb / 30P
Enhanced single channel power switches
24-Jan-2008
logo
Texas Instruments
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141_09 Datasheet
1Mb / 34P
Enhanced single channel power switches
17-Jul-2009
logo
Maxim Integrated Produc...
MAX14984 MAXIM-MAX14984 Datasheet
1Mb / 12P
Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Rev 0; 3/12
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
logo
NXP Semiconductors
BYV410-600 PHILIPS-BYV410-600_15 Datasheet
196Kb / 11P
Dual enhanced ultrafast power diode
Rev. 2-5 August 2011
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
logo
WeEn Semiconductors
BYV410X-600 WEEN-BYV410X-600 Datasheet
1Mb / 11P
Dual enhanced ultrafast power diode
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com