Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2242 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMPS2242
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2242 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMPS2242 Datasheet HTML 3Page - STMicroelectronics STMPS2242 Datasheet HTML 4Page - STMicroelectronics STMPS2242 Datasheet HTML 5Page - STMicroelectronics STMPS2242 Datasheet HTML 6Page - STMicroelectronics STMPS2242 Datasheet HTML 7Page - STMicroelectronics STMPS2242 Datasheet HTML 8Page - STMicroelectronics STMPS2242 Datasheet HTML 9Page - STMicroelectronics STMPS2242 Datasheet HTML 10Page - STMicroelectronics STMPS2242 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Pin descriptions
Doc ID 15050 Rev 3
7/42
2
Pin descriptions
Figure 2.
Pinout
Table 2.
Pin descriptions
Pin number
Name
Type
Function
1GND
−
Ground
2IN
−
VCC input, 2.7 - 5.5 V
3EN1/EN1
I
Channel 1 active low (STMPS2242 and STMPS2262)
or active high (STMPS2252 and STMPS2272) enable
4EN2/EN2
I
Channel 2 active low (STMPS2242 and STMPS2262)
or active high (STMPS2252 and STMPS2272) enable
5OC2
O
Open drain output for fault indication of channel 2
6OUT2
−
Output of channel 2
7OUT1
−
Output of channel 1
8OC1
O
Open drain output for fault indication of channel 1
1
2
3
4
8
7
6
5
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com