Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2242 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPS2242
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2242 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPS2242 Datasheet HTML 7Page - STMicroelectronics STMPS2242 Datasheet HTML 8Page - STMicroelectronics STMPS2242 Datasheet HTML 9Page - STMicroelectronics STMPS2242 Datasheet HTML 10Page - STMicroelectronics STMPS2242 Datasheet HTML 11Page - STMicroelectronics STMPS2242 Datasheet HTML 12Page - STMicroelectronics STMPS2242 Datasheet HTML 13Page - STMicroelectronics STMPS2242 Datasheet HTML 14Page - STMicroelectronics STMPS2242 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Electrical specifications
Doc ID 15050 Rev 3
11/42
Table 7.
Supply current characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Ioff
Switch turned off
No load
Switch is off
914
μA
No load
Switch is off
-40 < TJ < 125°C
16
Ion
Switch turned on
No load
Switch is on
50
70
μA
No load
Switch is on
-40 < TJ < 125°C
85
Ileakage
Output leakage
current (1)
1.
Ileakage = Ioff-ground - Ioff, where Ioff-ground = current into IN when switch is off and output is grounded
Ioff (grounded output) -
Ioff (floating output)
12
μA
Ioff (grounded output) -
Ioff (floating output)
-40 < TJ < 125°C
16
Ireverse
Reversed leakage
current
Switch is off
VI < VO,
Output connected to
5.5 V, 25°C
12
μA
Switch is off
VI < VO
Output connected to
5.5 V, 125°C
110
Table 8.
Thermal characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
T1
Thermal shutdown
threshold
135
°C
T2
Recovery from
thermal shutdown
125
°C
Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com