Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2242 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STMPS2242
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2242 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STMPS2242 Datasheet HTML 19Page - STMicroelectronics STMPS2242 Datasheet HTML 20Page - STMicroelectronics STMPS2242 Datasheet HTML 21Page - STMicroelectronics STMPS2242 Datasheet HTML 22Page - STMicroelectronics STMPS2242 Datasheet HTML 23Page - STMicroelectronics STMPS2242 Datasheet HTML 24Page - STMicroelectronics STMPS2242 Datasheet HTML 25Page - STMicroelectronics STMPS2242 Datasheet HTML 26Page - STMicroelectronics STMPS2242 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Typical operating characteristics
Doc ID 15050 Rev 3
23/42
Figure 21.
tf versus VI
Figure 22.
Rds(on) versus VI
0
2
4
6
8
10
12
14
0123456
V I (V )
C LOAD = 1 µF
C LOAD = 100 µF
C LOAD = 470 µF
AM045008v1
60
70
80
90
100
110
120
130
2
2.5
3
3.5
4
4.5
5
5.5
6
V I (V )
AM045009v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com