Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2242 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMPS2242
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2242 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMPS2242 Datasheet HTML 9Page - STMicroelectronics STMPS2242 Datasheet HTML 10Page - STMicroelectronics STMPS2242 Datasheet HTML 11Page - STMicroelectronics STMPS2242 Datasheet HTML 12Page - STMicroelectronics STMPS2242 Datasheet HTML 13Page - STMicroelectronics STMPS2242 Datasheet HTML 14Page - STMicroelectronics STMPS2242 Datasheet HTML 15Page - STMicroelectronics STMPS2242 Datasheet HTML 16Page - STMicroelectronics STMPS2242 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Typical operating characteristics
Doc ID 15050 Rev 3
13/42
6
Typical operating characteristics
6.1
STMPS2242, STMPS2252 characteristics
The waveforms and characteristics shown in this section pertain to the STMPS2252 device.
The STMPS2242 is expected to have the same characteristics with inverted EN input
function. All measurements are at ambient temperature 25 °C.
6.1.1
Turn-on/off characteristics for VI = 3 V, RLOAD = 6 Ω
Figure 3.
Turn-on for CLOAD = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com