Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2242 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPS2242
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2242 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPS2242 Datasheet HTML 20Page - STMicroelectronics STMPS2242 Datasheet HTML 21Page - STMicroelectronics STMPS2242 Datasheet HTML 22Page - STMicroelectronics STMPS2242 Datasheet HTML 23Page - STMicroelectronics STMPS2242 Datasheet HTML 24Page - STMicroelectronics STMPS2242 Datasheet HTML 25Page - STMicroelectronics STMPS2242 Datasheet HTML 26Page - STMicroelectronics STMPS2242 Datasheet HTML 27Page - STMicroelectronics STMPS2242 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Typical operating characteristics
STMPS2242, STMPS2252, STMPS2262, STMPS2272
24/42
Doc ID 15050 Rev 3
6.2
STMPS2262, STMPS2272 characteristics
The waveforms and characteristics shown in this section pertain to the STMPS2272 device.
The STMPS2262 is expected to have the same characteristics with inverted EN input
function. All measurements are at ambient temperature 25 °C.
6.2.1
Turn-on/off characteristics for VI = 3 V, RLOAD = 3 Ω
Figure 23.
Turn-on for CLOAD = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com