Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HF Datasheet (PDF) - STMicroelectronics

IPS160HF Datasheet PDF - STMicroelectronics
Part # IPS160HF
Download  IPS160HF Download
File Size   840.94 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single channel high-side switches

IPS160HF Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS160HF Datasheet PDF - STMicroelectronics

Part # IPS160HF
Download  IPS160HF Click to download

File Size   840.94 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single channel high-side switches

IPS160HF Datasheet (HTML) - STMicroelectronics


IPS160HF Product details

Description
The IPS160HF (Iout = 2.4A) and IPS161HF (Iout = 0.6A) are monolithic devices which can drive capacitive, resistive or inductive loads with one side connected to ground. The 60 V operating range and Ron = 60 mΩ, combined with the extended diagnostic (Open Load, Over Load, Overtemperature) and the < 60 us propagation delay time at startup (enabling Class 3 for interface types C and D), make the ICs suitable to address safety applications targeting higher SIL levels. The built-in overload and thermal shutdown protections guarantee the ICs, the application and the load against electrical and thermal overstress. Furthermore, in order to minimize the power dissipation when the output is shorted, a low-dissipative short-circuit protection (cut-off) is implemented to limit the output average current value and consequent device overheating. Cut-off delay time can be set by soldering an external capacitor or disabled by a resistor on pin 4 (CoD). The DIAG common diagnostic open drain pin reports the open load in off-state, cutoff (overload) and thermal shutdown. Product status IPS160HF IPS161HF Product summary Order code IPS160HF IPS160HFTR IPS161HF IPS161HFTR

Applications
■ Safety applications
■ Programmable logic control
■ Industrial PC peripheral input/output
■ Numerical control machines




Similar Part No. - IPS160HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
IPS160HTR STMICROELECTRONICS-IPS160HTR Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
More results


Similar Description - IPS160HF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
High Side Power Switches
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
Single and Dual Protected High Side Switches
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
Single 2A/Dual 1A High-Side Switches
06/23/16
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com