Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HF Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPS160HF
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HF Datasheet(HTML) 1 Page - STMicroelectronics

  IPS160HF Datasheet HTML 1Page - STMicroelectronics IPS160HF Datasheet HTML 2Page - STMicroelectronics IPS160HF Datasheet HTML 3Page - STMicroelectronics IPS160HF Datasheet HTML 4Page - STMicroelectronics IPS160HF Datasheet HTML 5Page - STMicroelectronics IPS160HF Datasheet HTML 6Page - STMicroelectronics IPS160HF Datasheet HTML 7Page - STMicroelectronics IPS160HF Datasheet HTML 8Page - STMicroelectronics IPS160HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
Part number
RDS(on)
IOUT
VCC
IPS160HF
0.060 Ω
2.4 A
65 V
IPS161HF
0.6A
•
8 V to 60 V operating voltage range
•
Minimum output current limitation: 0.7A (IPS161HF) or 2.5A (IPS160HF)
•
Short propagation delay at start-up
•
Fast demagnetization of inductive load
•
Non-dissipative short-circuit protection (cut-off)
•
Programmable cut-off delay time using external capacitor
•
Ground disconnection protection
•
VCC disconnection protection
•
Thermal shutdown protection
•
Undervoltage lock-out
•
Diagnostic signalization for: open load in off-state, cut-off and junction thermal
shutdown
•
Designed to meet IEC 61131-2
•
PowerSSO12 package
Applications
•
Safety applications
•
Programmable logic control
•
Industrial PC peripheral input/output
•
Numerical control machines
Description
The IPS160HF (Iout = 2.4A) and IPS161HF (Iout = 0.6A) are monolithic devices
which can drive capacitive, resistive or inductive loads with one side connected to
ground.
The 60 V operating range and Ron = 60 mΩ, combined with the extended diagnostic
(Open Load, Over Load, Overtemperature) and the < 60 us propagation delay time at
startup (enabling Class 3 for interface types C and D), make the ICs suitable to
address safety applications targeting higher SIL levels.
The built-in overload and thermal shutdown protections guarantee the ICs, the
application and the load against electrical and thermal overstress.
Furthermore, in order to minimize the power dissipation when the output is shorted, a
low-dissipative short-circuit protection (cut-off) is implemented to limit the output
average current value and consequent device overheating.
Cut-off delay time can be set by soldering an external capacitor or disabled by a
resistor on pin 4 (CoD).
The DIAG common diagnostic open drain pin reports the open load in off-state, cut-
off (overload) and thermal shutdown.
Product status
IPS160HF
IPS161HF
Product summary
Order
code
IPS160HF
IPS160HFTR
IPS161HF
IPS161HFTR
Package
PowerSSO12
Packing
Tube
Tape and reel
Single channel high-side switches
IPS160HF, IPS161HF
Datasheet
DS13271 - Rev 2 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IPS160HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
IPS160HTR STMICROELECTRONICS-IPS160HTR Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
More results

Similar Description - IPS160HF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
High Side Power Switches
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
Single and Dual Protected High Side Switches
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
Single 2A/Dual 1A High-Side Switches
06/23/16
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com