Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HF Datasheet(PDF) 17 Page - STMicroelectronics

Part # IPS160HF
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button IPS160HF Datasheet HTML 13Page - STMicroelectronics IPS160HF Datasheet HTML 14Page - STMicroelectronics IPS160HF Datasheet HTML 15Page - STMicroelectronics IPS160HF Datasheet HTML 16Page - STMicroelectronics IPS160HF Datasheet HTML 17Page - STMicroelectronics IPS160HF Datasheet HTML 18Page - STMicroelectronics IPS160HF Datasheet HTML 19Page - STMicroelectronics IPS160HF Datasheet HTML 20Page - STMicroelectronics IPS160HF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Figure 11. Fast demag waveforms
ILOAD
tDEMAG
IOUT
VIN
t
tON
VOUT
VCC
VCC-VDEMAG
t
t
The demagnetization of inductive load causes large electrical and thermal stress on the IC. The plot below shows
the maximum demagnetization energy that the IC can tolerate in a single demagnetization pulse with VCC = 24 V
and TAMB = 125 °C. If higher demagnetization energy is required, then an external free-wheeling Schottky diode
has to be connected between OUT (cathode) and GND (anode) pins. Note that in this case the fast
demagnetization is inhibited.
IPS160HF, IPS161HF
Active VDS clamp
DS13271 - Rev 2
page 17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com