Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HF Datasheet(PDF) 21 Page - STMicroelectronics

Part # IPS160HF
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button IPS160HF Datasheet HTML 17Page - STMicroelectronics IPS160HF Datasheet HTML 18Page - STMicroelectronics IPS160HF Datasheet HTML 19Page - STMicroelectronics IPS160HF Datasheet HTML 20Page - STMicroelectronics IPS160HF Datasheet HTML 21Page - STMicroelectronics IPS160HF Datasheet HTML 22Page - STMicroelectronics IPS160HF Datasheet HTML 23Page - STMicroelectronics IPS160HF Datasheet HTML 24Page - STMicroelectronics IPS160HF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Table 11. PowerSSO12 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.250
1.700
A1
0.000
0.100
A2
1.100
1.600
B
0.230
0.410
C
0.190
0.250
D
4.800
5.000
E
3.800
4.000
e
0.800
H
5.800
6.200
h
0.250
0.55
L
0.400
1.270
k
0d
8d
X
1.900
2.500
Y
3.600
4.200
ddd
0.100
Note:
Dimension D doesn't include mold flash protrusions or gate burrs. Mold flash protrusions or gate burrs don't
exceed 0.15 mm in total both side.
Figure 14. PowerSSO12 recommended footprint
IPS160HF, IPS161HF
PowerSSO12 package information
DS13271 - Rev 2
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com