Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HF Datasheet(PDF) 9 Page - STMicroelectronics

Part # IPS160HF
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IPS160HF Datasheet HTML 5Page - STMicroelectronics IPS160HF Datasheet HTML 6Page - STMicroelectronics IPS160HF Datasheet HTML 7Page - STMicroelectronics IPS160HF Datasheet HTML 8Page - STMicroelectronics IPS160HF Datasheet HTML 9Page - STMicroelectronics IPS160HF Datasheet HTML 10Page - STMicroelectronics IPS160HF Datasheet HTML 11Page - STMicroelectronics IPS160HF Datasheet HTML 12Page - STMicroelectronics IPS160HF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Table 8. Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vclamp
VCC active clamp
ICC = 10 mA
65.5
68.5
71.5
V
Vdemag
Demagnetization voltage
IOUT = 0.5 A; load =1 mH
VCC-71.5 VCC-68.5 VCC-65.5
VOLoff
Open load (off-state) or short to VCC
detection threshold
2
4
tBKT
Open load blanking time
200
μs
VDIAG
Voltage drop on DIAG
IDIAG = 4 mA
1
V
IDIAG
DIAG pin leakage current
VCC ≤ 36 V
110
μA
36 V ˂ VCC ≤ 60 V
180
IPK
Output current limitation
activation threshold
IPS161HF
VCC ≤ 24 V, RLOAD ≤ 10 mΩ
1.3
2.1
A
IPS160HF
3.0
4.6
ILIM
Output current limitation
IPS161HF
0.7
1.7
IPS160HF
2.5
4.2
tcoff
Cut-off current delay time
Programmable by the external
capacitor on CoD pin. Cut-off is
disabled when CoD pin is connected
to GND through 1 kΩ resistor.
TJ˂ TJSD
50xCCOD[nf] ± 35%(1)
μs
tres
Output stage restart delay time
TJ˂ TJSD
32xtCOFF[μs] ±40%
TJSD
Junction temperature shutdown
150
170
190
°C
TJHYST
Junction temperature thermal
hysteresis
15
1. The formula is guaranteed in the range 10 nF ≤ CCOD ≤ 100 nF.
IPS160HF, IPS161HF
Electrical characteristics
DS13271 - Rev 2
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com