Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160HF Datasheet(PDF) 5 Page - STMicroelectronics

Part # IPS160HF
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HF Datasheet(HTML) 5 Page - STMicroelectronics

  IPS160HF Datasheet HTML 1Page - STMicroelectronics IPS160HF Datasheet HTML 2Page - STMicroelectronics IPS160HF Datasheet HTML 3Page - STMicroelectronics IPS160HF Datasheet HTML 4Page - STMicroelectronics IPS160HF Datasheet HTML 5Page - STMicroelectronics IPS160HF Datasheet HTML 6Page - STMicroelectronics IPS160HF Datasheet HTML 7Page - STMicroelectronics IPS160HF Datasheet HTML 8Page - STMicroelectronics IPS160HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
3
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 65
V
VOUT
Output channel voltage
Vcc-Vclamp to Vcc+0.3
V
IIN
Input current
-10 to +10
mA
VIN
IN voltage
VCC
V
VCOD
Output cut-off voltage pin
5.5
V
ICOD
Input current on cut-off pin
-1 to +10
mA
VDIAG
Fault voltage
VCC
V
IDIAG
Fault current
-5 to +10
mA
ICC(1)
Maximum DC reverse current flowing through the IC
from GND to VCC
-250
mA
IOUT
Output stage current
Internally limited
A
-IOUT (1)
Maximum DC reverse current flowing through the IC
from OUT to VCC
5
EAS (1)
Single pulse avalanche energy (TAMB = 125 °C, VCC
= 24 V, Iload = 1 A)
1000
mJ
PTOT
Power dissipation at TC = 25 °C (2)
Internally limited
W
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction temperature
-40 to 150
1. Verified on application board with Rth(ja) = 49 °C/W
2. (TJSD(MAX)-TC)/ Rth(JA)
Note:
Absolute maximum ratings are the values beyond which damage to the device may occur. Functional operation
under these conditions is not implied. All voltages are referenced to GND.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Thermal resistance junction-case
1
°C/W
Rth(JA)
Thermal resistance junction-ambient
49
Note:
Package mounted on a 2-layer application board with Cu thickness = 35 μm, total dissipation area = 1.5 cm²
connected by 6 vias.
IPS160HF, IPS161HF
Absolute maximum ratings
DS13271 - Rev 2
page 5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com