Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2505 Datasheet (PDF) - Microchip Technology

MIC2505 Datasheet PDF - Microchip Technology
Part # MIC2505
Download  MIC2505 Download
File Size   281.3 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single 2A/Dual 1A High-Side Switches

MIC2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2505 Datasheet PDF - Microchip Technology

Part # MIC2505
Download  MIC2505 Click to download

File Size   281.3 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single 2A/Dual 1A High-Side Switches

MIC2505 Datasheet (HTML) - Microchip Technology


MIC2505 Product details

General Description
The MIC2505, MIC2505-1, MIC2505-2, and MIC2506 are single and dual integrated high-side power switches that consist of TTL-compatible control/enable inputs, a charge pump, and protected N-channel MOSFETs. The MIC2505/6 family can be used instead of separate high-side drivers and MOSFETs in many low-voltage applications.

Features
• Low MOSFET On-Resistance to 3.0V
    - 30 mΩ Typical at 5V (MIC2505 Series)
    - 35 mΩ Typical at 3.3V (MIC2505 Series)
    - 75 mΩ Typical at 5V (Each MIC2506 Output)
    - 80 mΩ Typical at 3.3V (Each MIC2506 Output)
• 3.0V to 7.5V Input
• 110 µA Typical On-State Supply Current
• 1 µA Typical Off-State Supply Current
• Output Can be Forced Higher than Input (Off-State)
• Current-Limit
• Thermal Shutdown
• 2.5V Undervoltage Lockout (UVLO)
• Open-Load Detection (MIC2505YN/M and MIC2506YN/M Only)
• Open-Drain Fault Flag
• 5 ms (Slow) Turn-On and Fast Turn-Off
• Logic-Level Control/Enable Input

Applications
• USB Power Distribution
• 3.3V and 5V Power Management
• PC Card Inrush Limiting Switch
• Hot Plug-In Power Supplies
• Battery Charger Circuits




Similar Part No. - MIC2505

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC2505 MICREL-MIC2505 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC2505-1BM MICREL-MIC2505-1BM Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC2505-1BM MICREL-MIC2505-1BM Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC2505-1BN MICREL-MIC2505-1BN Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
More results


Similar Description - MIC2505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
Dual High Side Power Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
Single and Dual Protected High Side Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com