Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2505 Datasheet (PDF) - Micrel Semiconductor

MIC2505 Datasheet PDF - Micrel Semiconductor
Part # MIC2505
Download  MIC2505 Download
File Size   147.61 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single 2A / Dual 1A / High-Side Switches

MIC2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2505 Datasheet PDF - Micrel Semiconductor

Part # MIC2505
Download  MIC2505 Click to download

File Size   147.61 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single 2A / Dual 1A / High-Side Switches

MIC2505 Datasheet (HTML) - Micrel Semiconductor


MIC2505 Product details

General Description
The MIC2505, MIC2505-1, MIC2505-2, and MIC2506 are single and dual integrated high-side power switches that consist of TTL compatible control/enable inputs, a charge pump, and protected N-channel MOSFETs. The MIC2505/6 family can be used instead of separate high-side drivers and MOSFETs in many low-voltage applications.

Features
• Low MOSFET on resistance to 2.7V
   30mΩ typical at 5V (MIC2505-series)
   35mΩ typical at 3.3V (MIC2505-series)
   75mΩ typical at 5V (each MIC2506 output)
   80mΩ typical at 3.3V (each MIC2506 output)
• 2.7V to 7.5V input
• 110µA typical on-state supply current
• 1µA typical off-state supply current
• Output can be forced higher than input (off-state)
• Current limit
• Thermal shutdown
• 2.5V undervoltage lockout (UVLO)
• Open-load detection (MIC2505BN/M and MIC2506BN/M only)
• Open-drain fault flag
• 5ms (slow) turn-on and fast turnoff
• Logic-level control/enable input

Applications
• USB Power Distribution
• 3.3V and 5V power management
• PC Card card inrush limiting switch
• Hot plug-in power supplies
• Battery-charger circuits




Similar Part No. - MIC2505

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505-1BM MICREL-MIC2505-1BM Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC2505-1BN MICREL-MIC2505-1BN Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC2505-1YM MICREL-MIC2505-1YM Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
More results


Similar Description - MIC2505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
Dual High Side Power Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
Single and Dual Protected High Side Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
Single 2A/Dual 1A High-Side Switches
06/23/16
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com