Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDG6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCD1020PDG6E
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDG6E Datasheet(HTML) 1 Page - STMicroelectronics

  STCD1020PDG6E Datasheet HTML 1Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 2Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 3Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 4Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 5Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 6Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 7Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 8Page - STMicroelectronics STCD1020PDG6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
May 2010
Doc ID 13823 Rev 6
1/40
1
STCD1020, STCD1030, STCD1040
Multichannel clock distribution circuit
Features
■ 2, 3 or 4 outputs buffered clock distribution
■ Single-ended sine wave or square wave clock
input and output
■ Individual clock enable for each output
■ Lower fan-out on clock source
■ No AC coupling capacitor needed at the input
■ Ultra-low phase noise and standby current
■ 2.5 V to 3.6 V supply voltage(a)
■ 10 pF typical load driving capability
■ Available in TDFN packages
– STCD1020 - 8-lead (2 mm x 2 mm)
– STCD1030 - 10-lead (2 mm x 2.5 mm)
– STCD1040 - 12-lead (2 mm x 3 mm)
■ Operating temperature : –40 °C to 85 °C
Applications
■ Multimode RF clock reference
■ Baseband peripheral devices clock reference
a.
For the 1.65 to 2.75 V version, please contact local ST
sales office.
TDFN (8-, 10- or 12- lead)
Table 1.
Device summary
Order code
Operating temperature range
Channel
Supply
Package
STCD1020RDG6E
–40 °C to 85 °C
2
2.8 V
TDFN8
STCD1030RDH6E(1)
–40 °C to 85 °C
3
2.8 V
TDFN10
STCD1040RDM6F
–40 °C to 85 °C
4
2.8 V
TDFN12
1.
Contact local ST sales office for availability.
www.st.com


Similar Part No. - STCD1020PDG6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
Multi-channel clock distribution circuit
08-May-2008
STCD1020RDG6E STMICROELECTRONICS-STCD1020RDG6E Datasheet
1Mb / 40P
Multi-channel clock distribution circuit
08-May-2008
More results

Similar Description - STCD1020PDG6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
Multi-channel clock distribution circuit
08-May-2008
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
CLOCK DISTRIBUTION CIRCUIT
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
STMicroelectronics
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
logo
STMicroelectronics
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
Clock distribution
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
CLOCK DISTRIBUTION CIRCUIT
061711
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com