Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-HWCS6G/A Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24M01-HWCS6G/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HWCS6G/A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24M01-HWCS6G/A Datasheet HTML 29Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 30Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 31Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 32Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 33Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 34Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 35Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 36Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
Part numbering
Doc ID 12943 Rev 7
33/37
For a list of available options (speed, package, etc.) or for further information on any aspect
of the devices, please contact your nearest ST sales office.
Table 20.
Ordering information scheme (M24M01-R sold as bare dice)
Example:
M24M01
–
R
A
W
21 /90
Device type
M24 = I2C serial access EEPROM
Device function
M01 = 1 Mbit (256 Kb × 8 bits)
Clock frequency
Blank: fC max = 400 kHz
Operating voltage
R = VCC = 1.8 V to 5.5 V
Process letter
A = F8L
Delivery form
W = unsawn wafer
Wafer thickness
21 = 280 µm
Temperature range
/90 = –40 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com