Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-HWCS6G/A Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24M01-HWCS6G/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HWCS6G/A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24M01-HWCS6G/A Datasheet HTML 29Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 30Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 31Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 32Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 33Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 34Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 35Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 36Page - STMicroelectronics M24M01-HWCS6G/A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Part numbering
M24M01-R, M24M01-W, M24M01-HR
34/37
Doc ID 12943 Rev 7
Table 21.
Available M24M01-x products (package, voltage range, frequency,
temperature grade)
Package
M24M01-HR
1.8 V to 5.5 V at 1 MHz
M24M01-R
1.8 V to 5.5 V at 400 kHz
M24M01-W
2.5 V to 5.5 V at 400 kHz
SO8N (MN)
Range 6
Range 6
Range 3
SO8W (MW)
-
Range 6
-
Wafer
-
Range 6
-
WLCSP (CS)
-
Range 6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com