Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAS19
Description  HIGH VOLTAGE SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAS19 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAS19 Datasheet HTML 1Page - EIC discrete Semiconductors BAS19 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - MAXIMUM CONTINUOUS FORWARD
FIG.2 - DIODE CAPACITANCE VS. REVERSE
CURRENT VS. AMBIENT TEMPERATER
VOLTAGE; TYPICAL VALUES
FIG.3 - FORWARD CURRENT VS. FORWARD
FIG.4 - REVERSE CURRENT VS. JUNCTION
VOLTAGE ; TYPICAL VALUES
TEMPERATURE; TYPICAL VALUES
Page 2 of 2
Rev. 01 : May 22, 2006
RATINGS AND CHARACTERISTIC CURVES ( BAS19, BAS20, BAS21 )
AMBIENT TEMPERATURE, (°C)
50
0
0
100
200
100
150
200
250
50
150
0
2
4
6
8
0
0.2
0.4
1.0
0.8
0.6
REVERSE VOLTAGE, (V)
JUNCTION TEMPERATURE, (°C)
FORWARD VOLTAGE, (V)
0
12
600
400
200
0
0
100
200
50
150
0.01
0.1
1
10
100
VR =VRmax
TJ = 25 °C
TJ = 150 °C
f = 1MHz; Tj = 25 °C
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com