Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAS19
Description  HIGH VOLTAGE SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAS19 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAS19 Datasheet HTML 1Page - EIC discrete Semiconductors BAS19 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19,BAS20,BAS21
HIGH VOLTAGE
SWITCHING DIODES
PRV : 120 - 250 Volts
IO : 200 mA
FEATURES :
* Small plastic SMD package
* Switching speed: max. 50 ns
* General application
* Continuous reverse voltage: max. 100V, 150V, 200V
* Repetitive peak reverse voltage: max. 120V, 200V, 250V
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOT-23 plastic Case
* BAS19 Marking Code: HA
* BAS20 Marking Code: HB
* BAS21 Marking Code: HC
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (Ta = 25 °C unless otherwise specified)
Parameter
Symbol
BAS19
BAS20
BAS21
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Maximum Continuous Reverse Voltage
VR
100
150
200
V
Maximum Continuous Forward Current (Note 1)
IF
mA
Maximum Non-repetitive Peak Forward Current
t = 1 µs
(square wave; Tj = 25 °C prior to surge)
t = 100 µs
t = 10 ms
Total Power Dissipation (Note 1)
Ptot
mW
Thermal Resistance Junction to Tie-point
Rth j-tp
K/W
Thermal Resistance Junction to Ambient
Rth j-a
K/W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
ELECTRICAL CHARACTERISTICS (Tj = 25 °C unless otherwise specified.
Parameter
Symbol
BAS19
BAS20
BAS21
Unit
Forward Voltage
IF = 100 mA
IF = 200 mA
Reverse Current
VR = VRmax
nA
VR = VRmax, Tj = 150 °C
µA
Capacitance
VR = 0 V, f = 1 MHz
CD
pF
Reverse Recovery Time
IF = 30 mA to IR = 30mA,
RL =100 Ω,measure at IR =3 mA
Note :
(1) Device mounted on an FR4 printed circuit board.
Page 1 of 2
Rev. 01 : May 22, 2006
VF
IR
Trr
1.00
1.25
100
100
5
200
ns
V
50
150
A
Test Condition
9
250
500
-65 to +150
330
IFSM
1.7
3
3
bottom view
1
2
1.02
0.89
2.04
1.78
3.10
2.70
Dimensions in millimeters
12
0.19
0.08
0.50
0.35
0.100
0.013
1.40
0.95
SOT-23
3
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com