Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715M15R Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST715M15R
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715M15R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST715M15R Datasheet HTML 3Page - STMicroelectronics ST715M15R Datasheet HTML 4Page - STMicroelectronics ST715M15R Datasheet HTML 5Page - STMicroelectronics ST715M15R Datasheet HTML 6Page - STMicroelectronics ST715M15R Datasheet HTML 7Page - STMicroelectronics ST715M15R Datasheet HTML 8Page - STMicroelectronics ST715M15R Datasheet HTML 9Page - STMicroelectronics ST715M15R Datasheet HTML 10Page - STMicroelectronics ST715M15R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST715XX, ST715XX25, ST715XX33
Electrical characteristics
Doc ID 14414 Rev 7
7/19
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = 0.1 µF, COUT = 1 µF, IOUT = 1 mA, VOUT = 3.3 V
unless otherwise specified. (1)
Table 7.
Electrical characteristics - fixed version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
IOUT = 85mA, TJ=-40°C to 125°C
VOUT
+VDRO
PTYP
24
V
IOUT
Output current
VIN=4.3 to 24V, TJ=-40°C to 125°C
0
85
mA
VOUT
VOUT total accuracy
(1)
VIN=VOUT+1 to 24V, IOUT=0 to 85mA,
TJ=-40°C to 125°C
-5
+5
%
ΔV
OUT
Line regulation
VIN=4.3 to 24V, IOUT=1mA,
TJ=-40°C to 125°C
0.001
0.004
%/V
ΔV
OUT
Load regulation
IOUT =100µA to 85mA,
TJ=-40°C to 125°C
0.002
0.003
%/mA
VDROP
Drop output voltage (2)
IOUT=85mA, TJ=-40°C to 125°C
500
1000
mV
eN
Output noise voltage (3)
200Hz to 100kHz, IOUT = 50mA,
COUT= 10µF, TJ=-40°C to 125°C
210
µVRMS
SVR
Supply voltage rejection
VIN=VOUTNOM+1V+/-VRIPPLE,
VRIPPLE=0.2V, IOUT=1mA,
COUT= 10µF
f=1kHz
38
dB
TJ=-40°C to 125°C
f=100kHz
57
IQ
Quiescent current
IOUT=0mA to 85mA,
TJ=-40°C to 125°C
3.75
5.5
µA
VIN=24V
4.15
6.5
ISC
Short circuit current
VOUT=0, TJ=-40°C to 125°C VIN=3.8V
120
mA
TON
Turn on time (4)
VIN =4.2V, COUT= 10µF, IOUT=60mA,
TJ=-40°C to 125°C
0.7
ms
COUT
Output capacitor
Capacitance f = 100kHz
0.47
µF
1.
For VOUT(NOM) < 2 V, VIN = 2.5 V.
2.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for output voltages below 2 V.
3.
Guaranteed by design.
4.
Turn-on time is time measured between the input just exceeding 90 % of its final value and the output voltage just reaching
95% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com