Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715M15R Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST715M15R
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715M15R Datasheet(HTML) 4 Page - STMicroelectronics

  ST715M15R Datasheet HTML 1Page - STMicroelectronics ST715M15R Datasheet HTML 2Page - STMicroelectronics ST715M15R Datasheet HTML 3Page - STMicroelectronics ST715M15R Datasheet HTML 4Page - STMicroelectronics ST715M15R Datasheet HTML 5Page - STMicroelectronics ST715M15R Datasheet HTML 6Page - STMicroelectronics ST715M15R Datasheet HTML 7Page - STMicroelectronics ST715M15R Datasheet HTML 8Page - STMicroelectronics ST715M15R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
ST715XX, ST715XX25, ST715XX33
4/19
Doc ID 14414 Rev 7
2
Pin configuration
Figure 2.
Pin connections (top view)
DFN8 (3x3)
SOT23-5L
Table 2.
Pin description (DFN8 3x3 mm)
Symbol
Pin for fixed
Pin for adjustable
Name and function
IN
1
1
Input voltage of the LDO
NC
2, 3, 5, 6, 7,
Exp. pad
2, 3, 6, 7, Exp. pad Not internally connected
GND
4
4
Common ground
FB
-
5
Feedback pin
OUT
8
8
Output voltage
Table 3.
Pin description (SOT23-5L)
Symbol
Pin for fixed
Pin for adjustable
Name and function
IN
4
4
Input voltage of the LDO
NC
1, 3
3
Not internally connected
GND
2
2
Common ground
FB
1
Feedback pin
OUT
5
5
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com