Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBF10
Description  1.0A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBF10 Datasheet HTML 1Page - Sanyo Semicon Device DBF10 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2948
DBF10
Silicon Diffused Junction Type
1.0A Single-Phase Bridge Rectifier
52098HA (KT)/N098TA, TS No.2948-1/2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CB
0
1
F
B
DC
0
1
F
B
DE
0
1
F
B
DG
0
1
F
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
10
0
20
0
40
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
,
d
a
o
l
e
v
i
t
s
i
s
e
r
,
e
v
a
w
e
n
i
s
z
H
0
5
B
C
P
n
o
d
e
t
n
u
o
m
→→→
0
.
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
,
e
v
i
t
i
t
e
p
e
r
n
o
n
,
e
v
a
w
e
n
i
s
z
H
0
5
e
u
l
a
v
k
a
e
p
e
l
c
y
c
1
→→→
0
3A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→→
0
5
1
+
o
t
0
4
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Features
· Plastic molded structure.
· Peak reverse voltage:VRM=100 to 600V.
· Average rectified current:IO=1.0A.
˚C
˚C
Package Dimensions
unit:mm
1210
[DBF10]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
5
.
0
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR=V M
R
0
1A
µ
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ ij
d
a
e
l
-
n
o
i
t
c
n
u
J
6
1
θ a
j
t
n
e
i
b
m
a
-
n
o
i
t
c
n
u
J
2
6
˚C/W
˚C/W


Similar Part No. - DBF10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF10 SANYO-DBF10 Datasheet
45Kb / 3P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10_09 Datasheet
45Kb / 3P
1.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBF10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
1.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C1000 WTE-B40C1000_06 Datasheet
46Kb / 4P
1.0A SINGLE-PHASE BRIDGE RECTIFIER
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF10 SANYO-DBF10_09 Datasheet
45Kb / 3P
1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
EN7030 ONSEMI-EN7030 Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com