Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
Data Sheet
12
Rev.3.3, 2010-02-15
5
Electrical and Functional Description of Blocks
The TLE6240GP is an 16-fold low-side power switch which provides a serial peripheral interface (SPI) to control
the 16 power DMOS switches, and diagnostic feedback. The power transistors are protected against short to
V
BB,
overload, overtemperature and against overvoltage by active zener clamp.
The diagnostic logic recognizes a fault condition which can be read out via the serial diagnostic output (SO).
5.1
Power Supply & Reset
RESET - Reset pin. If the reset pin is in a logic low state, it clears the SPI shift register and switches all outputs
OFF. An internal pull-up structure is provided on chip. In case the RESET Pin is pulled down statically, the device
remains in Stand-by Mode
5.2
Digital Inputs
In this chapter is the electrical behavior of the following Digital Input Pins described:
•
parallel Input Pin INx
•
Reset Pin RESET
•
Program Pin PRG
Electrical Characteristics: Power Supply
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, Reset = H (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Supply Voltage1)
1) For
V
S < 4.5 V the power stages are switched according the input signals and data bits or are definitely switched off. This
undervoltage reset gets active at
V
S = 3 V (typ. value) and is specified by design and not subject to production test.
V
S
4.5
–
5.5
V
–
5.1.2
Supply Current
I
S
–5
10
mA
–
5.1.3
Supply Current in Standby Mode
I
S(stdy)
–10
50
µA
(RESET = L)
Electrical Characteristics: Digital Inputs
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, Reset = H (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.2.1
Input Low Voltage
V
INL
-0.3
–
1.0
V
–
5.2.2
Input High Voltage
V
INH
2.0
–
–
V
–
5.2.3
Input Voltage Hysteresis
V
INHys
50
100
200
mV
–
5.2.4
Input Pull-down/up Current
(IN1 to IN4, IN9 to IN12)
I
IN(1..4,9..12) 20
50
100
µA
V
IN = 5 V
5.2.5
PRG, Reset Pull-up Current
I
IN(PRG,Res) 20
50
100
µA–
5.2.6
Minimum Reset Duration
(After a reset all parallel inputs are
ORed with the SPI data bits)
t
Reset,min
10
–
–
µs–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com