Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
13
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
5.3
Power Outputs
Power Transistor Protection Functions1)
Each of the 16 output stages has its own zener clamp, which causes a voltage limitation at the power transistor
when solenoid loads are switched off. The outputs are provided with a current limitation set to a minimum of 1 A
for channels 1 to 8 and 3 A for channels 9 to 16.
In the event of an overload or short to supply, the current is internally limited and the corresponding diagnosis bit
combination is set. If this operation leads to an overtemperature condition, a second protection level will change
the output into a low duty cycle PWM (selective thermal shut-down with restart) to prevent critical chip
temperatures.
1) The integrated protection functions prevent an IC destruction under fault conditions and may not be used in normal
operation or permanently.
Electrical Characteristics: Power Outputs
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, Reset = H (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
ON Resistance
V
S = 5 V;
Channel 1-8
R
DS(ON)
–1
–
Ω
T
J = 25 °C
1)
1) Specified by design and not subject to production test.
–1.7
2.2
Ω
T
J = 150 °C
5.3.2
ON Resistance
V
S = 5 V;
Channel 10, 11, 14, 15
R
DS(ON)
–0.35
–
Ω
T
J = 25 °C
1)
–0.60
0.70
Ω
T
J = 150 °C
5.3.3
ON Resistance
V
S = 5 V;
Channel 9, 12, 13, 16
R
DS(ON)
–0.30
–
Ω
T
J = 25 °C
1)
–0.50
0.60
Ω
T
J = 150 °C
5.3.4
Output Clamping Voltage
Channel 1-8
V
DS(AZ)
45
50
60
V
Output OFF
5.3.5
Output Clamping Voltage
Channel 9-16
V
DS(AZ)
45
52.5
60
V
Output OFF
5.3.6
Current Limit Channel 1-8
I
D(lim)
11.5
2A
–
5.3.7
Current Limit Channel 9-16
I
D(lim)
34.5
6A
–
5.3.8
Output Leakage Current
I
D(lkg)
––
10
µA
V
Reset = L
5.3.9
Turn-On Time
t
ON
–6
12
µs
I
D = 0.5 A,
resistive load
5.3.10
Turn-Off Time
t
OFF
–6
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com