Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4976L
Description  High Precision Hall Effect Switch with Current Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976L Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4976L Datasheet HTML 1Page - Infineon Technologies AG TLE4976L Datasheet HTML 2Page - Infineon Technologies AG TLE4976L Datasheet HTML 3Page - Infineon Technologies AG TLE4976L Datasheet HTML 4Page - Infineon Technologies AG TLE4976L Datasheet HTML 5Page - Infineon Technologies AG TLE4976L Datasheet HTML 6Page - Infineon Technologies AG TLE4976L Datasheet HTML 7Page - Infineon Technologies AG TLE4976L Datasheet HTML 8Page - Infineon Technologies AG TLE4976L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Product Name
Product Type
Ordering Code
Package
TLE4976-1K
Hall Effect Switch
SC59
TLE4976L
Hall Effect Switch
PG-SSO-3-2
High Precision Hall Effect Switch with Current
Interface
TLE4976-1K
TLE4976L
Data Sheet
3
Rev. 2.0, 2009-02-12
1
Product Description
1.1
Overview
The TLE4976-1K and TLE4976L are high precision unipolar Hall switches
with a two wire, 6mA/14mA current interface in a SMD or leaded package.
A chopped measurement principle provides high stability switching
thresholds for operating temperatures between -40°C and 150°C.
1.2
Features
•
3.0V to 24V supply voltage operation
•
High sensitivity and high stability of the magnetic switching points
•
High resistance to mechanical stress by Active Error Compensation
•
Reverse battery protection (-18V)
•
Superior temperature stability
•
Peak temperatures up to 195°C without damage
•
Low jitter (typ. 1µs)
•
High ESD performance (± 8kV HBM)
•
Digital output signal with current modulation 6mA / 14mA
•
Unipolar version
•
SMD package SC59 (SOT23 compatible): TLE4976-1K
•
Leaded package PG-SSO-3-2: TLE4976L
1.3
Target Applications
The sensor targets all applications where a high precision unipolar magnetic switch is required (e.g. position
sensing). Due to the current interface the number of wires required in the application is minimized thus saving
costs and increasing reliability. This is specially helpful in all applications where the microcontroller is not on the
same PCB as the Hall switch but in some distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com