Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4976L Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4976L
Description  High Precision Hall Effect Switch with Current Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4976L Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4976L Datasheet HTML 9Page - Infineon Technologies AG TLE4976L Datasheet HTML 10Page - Infineon Technologies AG TLE4976L Datasheet HTML 11Page - Infineon Technologies AG TLE4976L Datasheet HTML 12Page - Infineon Technologies AG TLE4976L Datasheet HTML 13Page - Infineon Technologies AG TLE4976L Datasheet HTML 14Page - Infineon Technologies AG TLE4976L Datasheet HTML 15Page - Infineon Technologies AG TLE4976L Datasheet HTML 16Page - Infineon Technologies AG TLE4976L Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Table 7
Magnetic Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VS = 12 V.
Parameter
Symbol Tj [°C]
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Operating point
BOP
-40 ... 150 5.5
9.25
11.0
mT
TLE4976-1K
-40
25
150
1.1
1.0
0.9
4.1
4.0
3.8
6.1
6.0
5.8
TLE4976L
Release point
BRP
-40 ... 150 5.0
7.25
10.5
mT
TLE4976-1K
-40
25
150
3.1
3.0
2.9
6.1
6.0
5.8
8.2
8.0
7.7
TLE4976L
Hysteresis
BHYS
-40 ... 150 0.5
2.0
3.0
mT
TLE4976-1K
-40
25
150
-
0.5
-
-
2.0
-
-
3.5
-
TLE4976L
Temperature compensation of
magnetic thresholds
TC
-
0
-
ppm/°C TLE4976-1K
-
-200
-
TLE4976L
Repeatability of magnetic
thresholds
2) BREP is equivalent to the noise constant
2)
BREP
-
40
-
mT
Typ. value for
∆B / ∆t
> 12 mT/ms
Branded Side
N
S
Data Sheet
11
Rev. 2.0, 2009-02-12
TLE4976-1K
TLE4976L
Specification
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 8
Definition of magnetic field direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com