Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF124 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGF124
Description  SIM Card Interface Filter and USB Interface with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF124 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGF124 Datasheet HTML 1Page - Infineon Technologies AG BGF124 Datasheet HTML 2Page - Infineon Technologies AG BGF124 Datasheet HTML 3Page - Infineon Technologies AG BGF124 Datasheet HTML 4Page - Infineon Technologies AG BGF124 Datasheet HTML 5Page - Infineon Technologies AG BGF124 Datasheet HTML 6Page - Infineon Technologies AG BGF124 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet
4
V2.0, 2009-04-01
BGF124
SIM Card Interface Filter and USB Interface with ESD Protection
BGF124
BGF124
Description
BGF124 is an ESD protection and filtering circuit for SIM card and USB interfaces. All external IOs are protected
against ESD pulses of ±15 kV contact discharge according to IEC61000-4-2. The wafer level package is a green
lead-free and halogen-free package with a size of only 1.15 mm x 1.55 mm and a total height of 0.6 mm
Figure 1
Schematic
Features
•
ESD protection circuit and interface filter for SIM cards
•
Reduced line capacitance of 12 pF maximum
•
ESD protection according to IEC61000-4-2 for ±15 kV contact discharge on
external IOs
•
Wafer level package with SnAgCu solder balls
•400
µm solder ball pitch
•
RoHS and WEEE compliant package
Type
Package
Marking
Chip
BGF124
WLP-11-4
24
N0744
Table 1
Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Voltage at all pins to GND
V
P
0–
5V
–
Operating temperature range
T
OP
-40
–
+85
°C–
Storage temperature range
T
STG
-65
–
+150
°C–
Summed up input power for all pins
P
in
––
60
mW
T
S <70°C
Electrostatic Discharge According to IEC61000-4-2
Contact discharge at internal pins A1, B1, C1
V
ESD
-2
–
2
kV
–
Contact discharge at external pins A3, B3, C3,
D1, D2, D3
V
ESD
-15
–
15
kV
–
WLP-11-4-N
BGF124 _schematic.vsd
GND, A2, C2
C3
B3
A3
C1
B1
A1
R1, 100
Ω
R2, 47
Ω
R3, 100
Ω
D1
Ext. IOs
D2
D3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com