Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF124 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BGF124
Description  SIM Card Interface Filter and USB Interface with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF124 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BGF124 Datasheet HTML 1Page - Infineon Technologies AG BGF124 Datasheet HTML 2Page - Infineon Technologies AG BGF124 Datasheet HTML 3Page - Infineon Technologies AG BGF124 Datasheet HTML 4Page - Infineon Technologies AG BGF124 Datasheet HTML 5Page - Infineon Technologies AG BGF124 Datasheet HTML 6Page - Infineon Technologies AG BGF124 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet
6
V2.0, 2009-04-01
BGF124
SIM Card Interface Filter and USB Interface with ESD Protection
BGF124
Figure 3
Typical Cross Talk
Package Outlines
Figure 4
WLP-11-4 (Wafer Level Package)
BGF124 cross talk
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
MHz
C1-B3
D1-C1
D1-D2
Corner Index Area
Pin 1
2)
COPLANARITY
0.6
0.08
11x
C
C
STANDOFF
±0.05
0.2
(0.175 ±0.05)
±0.05
)
(0.175
±0.05
0.1 C
0.4
±0.05
1.15
B
A
A
11x
ø0.05 M
0.25
B
±0.04
1)
3) Primary datum C and seating plane are defined by the domed crowns of the balls
1) Dimension is measured at the maximum solder ball diameter, parallel to primary datum C
2) Identified by marking
WLP-11-4-N-PO V01
2 x 0.4 = 0.8
D3
D2
D1
C2
A2
C3
B3
C1
B1
A3
A1
Solder balls face down
Solder balls face up



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com