Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGI4064DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGI4064DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4064DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGI4064DPBF Datasheet HTML 1Page - International Rectifier IRGI4064DPBF Datasheet HTML 2Page - International Rectifier IRGI4064DPBF Datasheet HTML 3Page - International Rectifier IRGI4064DPBF Datasheet HTML 4Page - International Rectifier IRGI4064DPBF Datasheet HTML 5Page - International Rectifier IRGI4064DPBF Datasheet HTML 6Page - International Rectifier IRGI4064DPBF Datasheet HTML 7Page - International Rectifier IRGI4064DPBF Datasheet HTML 8Page - International Rectifier IRGI4064DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRGI4064DPbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 28µH, RG = 90Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100µA e
CT6
∆V(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—0.52
—
V/°C VGE = 0V, IC = 100µA (-55°C-150°C)
CT6
—
1.51
1.80
IC = 8.0A, VGE = 15V, TJ = 25°C
5,6,7
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.73
—
V
IC = 8.0A, VGE = 15V, TJ = 125°C
9,10,11
—1.80
—
IC = 8.0A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 275µA
9, 10,
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
—
-12
—
mV/°C VCE = VGE, IC = 1.0mA (-55°C - 150°C)
11, 12
gfe
Forward Transconductance
—
6.5
—
S
VCE = 50V, IC = 8.0A, PW = 60µs
ICES
Collector-to-Emitter Leakage Current
—
—
20
µA
VGE = 0V, VCE = 600V
——
250
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
—
2.23
3.1
V
IF = 8.0A
8
—1.64
—
IF = 8.0A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
—
21
32
IC = 8.0A
24
Qge
Gate-to-Emitter Charge (turn-on)
—
4.8
7.2
nC VGE = 15V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
—
8.6
13
VCC = 400V
Eon
Turn-On Switching Loss
—
20
25
IC = 8.0A, VCC = 400V, VGE = 15V
CT4
Eoff
Turn-Off Switching Loss
—
125
137
µJ
RG = 22
Ω, L = 1.0mH, TJ = 25°C
Etotal
Total Switching Loss
—
145
162
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
—
29
38
IC = 8.0A, VCC = 400V, VGE = 15V
CT4
tr
Rise time
—
12
17
ns
RG = 22
Ω, L = 1.0mH, TJ = 25°C
td(off)
Turn-Off delay time
—
84
90
tf
Fall time
—
18
23
Eon
Turn-On Switching Loss
—
51
—
IC = 8.0A, VCC = 400V, VGE=15V
13, 15
Eoff
Turn-Off Switching Loss
—
205
—
µJ
RG=22
Ω, L=1.0mH, TJ = 150°C eÃ
CT4
Etotal
Total Switching Loss
—
256
—
Energy losses include tail & diode reverse recovery
WF1, WF2
td(on)
Turn-On delay time
—
28
—
IC = 8.0A, VCC = 400V, VGE = 15V
14, 16
tr
Rise time
—
12
—
ns
RG = 22
Ω, L = 1.0mH
CT4
td(off)
Turn-Off delay time
—
101
—
TJ = 150°C
WF1
tf
Fall time
—
27
—
WF2
Cies
Input Capacitance
—
600
—
pF
VGE = 0V
23
Coes
Output Capacitance
—
45
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
16
—
f = 1.0Mhz
TJ = 150°C, IC = 32A
4
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT2
Rg = 90
Ω, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
—
—
µs
VCC = 400V, Vp =600V
22, CT3
Rg = 90
Ω, VGE = +15V to 0V
WF4
Erec
Reverse Recovery Energy of the Diode
—
147
—
µJ
TJ = 150°C
17, 18, 19
trr
Diode Reverse Recovery Time
—
48
—
ns
VCC = 400V, IF = 8.0A
20, 21
Irr
Peak Reverse Recovery Current
—
14
—
A
VGE = 15V, Rg = 22
Ω, L = 1.0mH
WF3
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com