Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGI4064DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGI4064DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4064DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGI4064DPBF Datasheet HTML 2Page - International Rectifier IRGI4064DPBF Datasheet HTML 3Page - International Rectifier IRGI4064DPBF Datasheet HTML 4Page - International Rectifier IRGI4064DPBF Datasheet HTML 5Page - International Rectifier IRGI4064DPBF Datasheet HTML 6Page - International Rectifier IRGI4064DPBF Datasheet HTML 7Page - International Rectifier IRGI4064DPBF Datasheet HTML 8Page - International Rectifier IRGI4064DPBF Datasheet HTML 9Page - International Rectifier IRGI4064DPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRGI4064DPbF
6
www.irf.com
Fig. 19 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 8.0A; TJ = 150°C
Fig. 20 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 150°C
Fig. 23 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 24 - Typical Gate Charge vs. VGE
ICE = 8.0A; L = 1900µH
Fig. 21 - Typ. Diode ERR vs. IF
TJ = 150°C
Fig. 22 - VGE vs. Short Circuit Time
VCC = 400V; TC = 25°C
200
400
600
800
1000
diF /dt (A/µs)
6
8
10
12
14
16
0
200
400
600
800
1000 1200
diF /dt (A/µs)
200
300
400
500
600
10
Ω
22
Ω
100
Ω
47
Ω
7.8A
15A
3.8A
2
4
6
8
10
12
14
16
IF (A)
0
50
100
150
200
250
RG = 10Ω
RG = 22Ω
RG = 47Ω
RG = 100Ω
8
1012141618
VGE (V)
4
6
8
10
12
14
16
18
0
20
40
60
80
100
Tsc
Isc
0
50 100 150 200 250 300 350 400
VCE (V)
1
10
100
1000
Cies
Coes
Cres
02468 10 12 14 16 18 20 22
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 300V
VCES= 480V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com