Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4242G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4242G
Description  Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4242G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4242G Datasheet HTML 5Page - Infineon Technologies AG TLE4242G Datasheet HTML 6Page - Infineon Technologies AG TLE4242G Datasheet HTML 7Page - Infineon Technologies AG TLE4242G Datasheet HTML 8Page - Infineon Technologies AG TLE4242G Datasheet HTML 9Page - Infineon Technologies AG TLE4242G Datasheet HTML 10Page - Infineon Technologies AG TLE4242G Datasheet HTML 11Page - Infineon Technologies AG TLE4242G Datasheet HTML 12Page - Infineon Technologies AG TLE4242G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TLE 4242 G
Data Sheet
9
Rev. 1.1, 2007-03-20
Reference
Reference Voltage
V
REF
168
177
185
mV
0.39 <
R
REF < 1.0 Ω
Reference Input
Current
I
REF
-1
0.1
1
μA
V
REF = 180 mV
Status Output
Lower status
switching threshold
V
IQL
15
25
–
mV
ST = L
Upper status
switching threshold
V
IQH
–
3040mV
ST = H
Status low voltage
V
STL
––0.4
V
I
ST = 1.5 mA
Leakage current
I
STLK
––5
μA
V
ST = 5.0 V
Status Delay
Status reaction delay
t
STHL
6
1014ms
C
D = 47 nF, ST H → L
Status release delay
t
STLH
–10
20
μs
C
D = 47 nF, ST L → H
1)
V
Q - VREF equals the forward voltage sum of the connected LEDs, see Figure 3.
Table 4
Electrical Characteristics (cont’d)
V
I = 13.5 V; RREF = 0.47 Ω; VPWM ≥ VPWM,H; -40 °C < Tj < 150 °C; all voltages with respect
to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com