Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4242G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4242G
Description  Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4242G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4242G Datasheet HTML 1Page - Infineon Technologies AG TLE4242G Datasheet HTML 2Page - Infineon Technologies AG TLE4242G Datasheet HTML 3Page - Infineon Technologies AG TLE4242G Datasheet HTML 4Page - Infineon Technologies AG TLE4242G Datasheet HTML 5Page - Infineon Technologies AG TLE4242G Datasheet HTML 6Page - Infineon Technologies AG TLE4242G Datasheet HTML 7Page - Infineon Technologies AG TLE4242G Datasheet HTML 8Page - Infineon Technologies AG TLE4242G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet
2
Rev. 1.1, 2007-03-20
TLE 4242 G
Circuit Description
Figure 1
Block Diagram
An external shunt resistor in the ground path of the connected LEDs is used to sense the
LED current. A regulation loop helds the voltage drop at the shunt resistor on a constant
level of typ. 177 mV. Selecting the shunt resistance permits to adjust the appropriate
constant current level. The typ. output current calculates
(1)
where
V
REF is the reference voltage with a typical level of 177 mV (see Page 10). The
equation applies in a range of 0.39
Ω ≤ R
REF ≤ 1.8 Ω.
The output current is shown as a function of the reference resistance on Page 10. With
the PWM input the LED brightness can be regulated via duty cycle. Also PWM = L sets
the TLE 4242 in sleep mode resulting in a very low current consumption of << 1
μA typ.
Due to the high impedance of the PWM input (see “PWM Pin Input Current versus
PWM Voltage” on Page 11) the PWM pin can thus also be used as an enable input.
AEB03500.VSD
Bandgap
Reference
Bias Supply
Comparator
Status
Delay
4
GND
D
6
3
ST
5
REF
7
Q
I
1
PWM
2
I
Qtyp
,
V
REF
R
REF
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com