Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLCFL8U Datasheet(PDF) 21 Page - International Rectifier

Part # IRPLCFL8U
Description  Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL8U Datasheet(HTML) 21 Page - International Rectifier

Back Button IRPLCFL8U Datasheet HTML 17Page - International Rectifier IRPLCFL8U Datasheet HTML 18Page - International Rectifier IRPLCFL8U Datasheet HTML 19Page - International Rectifier IRPLCFL8U Datasheet HTML 20Page - International Rectifier IRPLCFL8U Datasheet HTML 21Page - International Rectifier IRPLCFL8U Datasheet HTML 22Page - International Rectifier IRPLCFL8U Datasheet HTML 23Page - International Rectifier IRPLCFL8U Datasheet HTML 24Page - International Rectifier IRPLCFL8U Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.irf.com
- 21 -
RD0803
Lamp Preheating
The lamp must be sufficiently preheated before ignition. The correct preheat current
can be determined from published data or from International Rectifiers Ballast Designer
software.
The preheat time can be set by adjusting the value of CPH. As a general rule the lamp
filament should glow red before ignition. If preheat is insufficient the ballast is likely to
shutdown during ignition because the output inductor will be unable to operate at the
high current required. The number of turns in the auxiliary cathode windings of the
output inductor LRES should be chosen to provide sufficient preheat. In designs for
ballasts with integral lamps the shutdown pin can be grounded so that the inductor may
saturate without shutting down the circuit.
The lamp filament (Cathode) resistance over the range of dimming levels should be
between 3 and 5.5 times the resistance when cold. A simple method for determining
the hot resistance is to first connect one cathode to a DC power supply via an ammeter
and slowly increase the voltage from zero, noting the current at 1V intervals. This
should be done until the cathode can be seen to be glowing red. When this occurs the
voltage should not be increased further in order to prevent possible cathode damage.
The resistance can then be calculated for each voltage and hence the acceptable
voltage range can be found to comply with the 3 to 5.5 times cold resistance, which can
be easily measured with a digital multi-meter (DMM).
Then when the ballast is being run a true RMS digital voltmeter can be connected
across one cathode and the voltage can be observed at maximum and minimum
brightness. The cathode voltage increases as the ballast is dimmed. The values of
CH1 and CH2 will control how much it increases by, reducing the capacitance will
reduce the amount by which the voltage rises. The values should be chosen to prevent
the voltage exceeding the upper limit at minimum output.
It is important to consider that using additional windings on the inductor to provide
cathode heating means that power is now being transferred through the core and
consequently the core losses will increase and hence the core operating temperature.
The core will reach its highest operating temperature when the ballast is running at
minimum brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com