Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLCFL8U Datasheet (PDF) - International Rectifier

Part # IRPLCFL8U
Description  Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
File Size   609.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL8U Datasheet (PDF) - International Rectifier



Similar Part No. - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
More results


Similar Description - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
Universal Input Linear Fluorescent Ballast using the IR2167
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM3 IRF-IRPLDIM3 Datasheet
699Kb / 27P
IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com