Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS21171STRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS21171STRPBF Datasheet HTML 1Page - International Rectifier IRS21171STRPBF Datasheet HTML 2Page - International Rectifier IRS21171STRPBF Datasheet HTML 3Page - International Rectifier IRS21171STRPBF Datasheet HTML 4Page - International Rectifier IRS21171STRPBF Datasheet HTML 5Page - International Rectifier IRS21171STRPBF Datasheet HTML 6Page - International Rectifier IRS21171STRPBF Datasheet HTML 7Page - International Rectifier IRS21171STRPBF Datasheet HTML 8Page - International Rectifier IRS21171STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
4
Qualification Information
†
Industrial
††
(per JEDEC JESD 47)
Qualification Level
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
SOIC8
MSL2
†††260°C
(per IPC/JEDEC J-STD-020C)
Moisture Sensitivity Level
PDIP8
Not applicable
(non-surface mount package style)
Machine Model
Class B
(per JEDEC standard EIA/JESD22-A115)
ESD
Human Body Model
Class 3A
(per EIA/JEDEC standard JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
†† Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com