Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS21171STRPBF Datasheet(PDF) 14 Page - International Rectifier

Part # IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IRS21171STRPBF Datasheet HTML 10Page - International Rectifier IRS21171STRPBF Datasheet HTML 11Page - International Rectifier IRS21171STRPBF Datasheet HTML 12Page - International Rectifier IRS21171STRPBF Datasheet HTML 13Page - International Rectifier IRS21171STRPBF Datasheet HTML 14Page - International Rectifier IRS21171STRPBF Datasheet HTML 15Page - International Rectifier IRS21171STRPBF Datasheet HTML 16Page - International Rectifier IRS21171STRPBF Datasheet HTML 17Page - International Rectifier IRS21171STRPBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
14
Parameter Temperature Trends - 211(7,71,8)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 14A. Turn-On Rise Tim e
vs.Tem perature
Typ.
Max.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 14B. Turn-On Rise Tim e
vs. Supply Voltage
Typ.
Max.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 15A. Turn-Off Fall Time
vs. Tem perature
Typ.
Max.
0
50
100
150
200
250
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 15B. Turn-Off Fall Time
vs. Supply Voltage
Typ.
Max.
Typ
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 16A. High Level Output
vs. Temperature (Io = 2mA)
Max.
Typ
0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 16B. High Level Output
vs. Supply Voltage (Io = 2m A)
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com