Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4935G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4935G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4935G Datasheet HTML 1Page - Infineon Technologies AG TLE4935G Datasheet HTML 2Page - Infineon Technologies AG TLE4935G Datasheet HTML 3Page - Infineon Technologies AG TLE4935G Datasheet HTML 4Page - Infineon Technologies AG TLE4935G Datasheet HTML 5Page - Infineon Technologies AG TLE4935G Datasheet HTML 6Page - Infineon Technologies AG TLE4935G Datasheet HTML 7Page - Infineon Technologies AG TLE4935G Datasheet HTML 8Page - Infineon Technologies AG TLE4935G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLE4905G; TLE4935G;
TLE4945-2G
Data Sheet
5
V1.3, 2007-12-05
Circuit Description
The circuit includes Hall generator, amplifier and Schmitt-Trigger on one chip. The
internal reference provides the supply voltage for the components. A magnetic field
perpendicular to the chip surface induces a voltage at the hall probe. This voltage is
amplified and switches a Schmitt-trigger with open-collector output. A protection diode
against reverse power supply is integrated. The output is protected against electrical
disturbances.
AEB01243
Hall-
Generator
V
S
V
Ref
Output
Stage
Schmitt-
Trigger
Amplifier
Threshold
Generator
V
S
1
Q
3
2
GND
Figure 2
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com