Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4935G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4935G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4935G Datasheet HTML 3Page - Infineon Technologies AG TLE4935G Datasheet HTML 4Page - Infineon Technologies AG TLE4935G Datasheet HTML 5Page - Infineon Technologies AG TLE4935G Datasheet HTML 6Page - Infineon Technologies AG TLE4935G Datasheet HTML 7Page - Infineon Technologies AG TLE4935G Datasheet HTML 8Page - Infineon Technologies AG TLE4935G Datasheet HTML 9Page - Infineon Technologies AG TLE4935G Datasheet HTML 10Page - Infineon Technologies AG TLE4935G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLE4905G; TLE4935G;
TLE4945-2G
Data Sheet
7
V1.3, 2007-12-05
Functional Description Bipolar Type TLE4935/45-2 (Figure 5 and 6)
When a positive magnetic field is applied in the indicated direction (Figure 5) and the
turn-on magnetic induction
B
OP is exceeded, the output of the Hall-effect IC will conduct
(Operate Point). The output state does not change unless a reverse magnetic field
exceeding the turn-off magnetic induction |
B
RP| is exceeded. In this case the output will
turn off (Release Point; Figure 6).
AES01231
S
N
Branded Side
+
V
S
-
V
Q
+
Ι
Figure 5
Sensor/Magnetic-Field Configuration
AED01421
Induction
Output Voltage
0
B
RP
OP
B
B
t
V
QH
V
QL
Q
V
t
Figure 6
Switching Characteristics Bipolar Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com