Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951CM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP4951CM
Description  Adjustable Micropower Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP4951CM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP4951CM Datasheet HTML 1Page - National Semiconductor (TI) LP4951CM Datasheet HTML 2Page - National Semiconductor (TI) LP4951CM Datasheet HTML 3Page - National Semiconductor (TI) LP4951CM Datasheet HTML 4Page - National Semiconductor (TI) LP4951CM Datasheet HTML 5Page - National Semiconductor (TI) LP4951CM Datasheet HTML 6Page - National Semiconductor (TI) LP4951CM Datasheet HTML 7Page - National Semiconductor (TI) LP4951CM Datasheet HTML 8Page - National Semiconductor (TI) LP4951CM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP4950C-5V and LP4951C
Adjustable Micropower Voltage Regulators
General Description
The LP4950C and LP4951C are micropower voltage regu-
lators with very low quiescent current (75µA typ.) and very
low dropout voltage (typ. 40mV at light loads and 380mV at
100mA). They are ideally suited for use in battery-powered
systems.
Furthermore,
the
quiescent
current
of
the
LP4950C/LP4951C increases only slightly in dropout, pro-
longing battery life.
The LP4950C in the popular 3-pin TO-92 package is pin
compatible with older 5V regulators. The 8-lead LP4951C is
available in a plastic surface mount package and offers
additional system functions.
One such feature is an error flag output which warns of a low
output voltage, often due to falling batteries on the input. It
may be used for a power-on reset. A second feature is the
logic-compatible shutdown input which enables the regulator
to be switched on and off. Also, the part may be pin-strapped
for a 5V output or programmed from 1.24V to 29V with an
external pair of resistors.
Careful design of the LP4950C/LP4951C has minimized all
contributions to the error budget. This includes a tight initial
tolerance (.5% typ.), extremely good load and line regulation
(.05% typ.) and a very low output voltage temperature coef-
ficient, making the part useful as a low-power voltage refer-
ence.
Features
n
High accuracy 5V guaranteed 100mA output
n
Extremely low quiescent current
n
Low dropout voltage
n
Extremely tight load and line regulation
n
Very low temperature coefficient
n
Use as Regulator or Reference
n
Needs only 1µF for stability
n
Current and Thermal Limiting
LP4951C versions only
n
Error flag warns of output dropout
n
Logic-controlled electronic shutdown
n
Output programmable from 1.24 to 29V
Block Diagram and Typical Applications
LP4950C
LP4951C
20052825
20052801
August 2005
© 2005 National Semiconductor Corporation
DS200528
www.national.com


Similar Part No. - LP4951CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP4951CM NSC-LP4951CM Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP4951CM/NOPB TI1-LP4951CM/NOPB Datasheet
1Mb / 21P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
LP4951CM/NOPB TI2-LP4951CM/NOPB Datasheet
902Kb / 24P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
REVISED APRIL 2013
LP4951CM/NOPB.B TI2-LP4951CM/NOPB.B Datasheet
902Kb / 24P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
REVISED APRIL 2013
LP4951CMX/NOPB TI1-LP4951CMX/NOPB Datasheet
1Mb / 21P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
More results

Similar Description - LP4951CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com