Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951CM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP4951CM
Description  Adjustable Micropower Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP4951CM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP4951CM Datasheet HTML 6Page - National Semiconductor (TI) LP4951CM Datasheet HTML 7Page - National Semiconductor (TI) LP4951CM Datasheet HTML 8Page - National Semiconductor (TI) LP4951CM Datasheet HTML 9Page - National Semiconductor (TI) LP4951CM Datasheet HTML 10Page - National Semiconductor (TI) LP4951CM Datasheet HTML 11Page - National Semiconductor (TI) LP4951CM Datasheet HTML 12Page - National Semiconductor (TI) LP4951CM Datasheet HTML 13Page - National Semiconductor (TI) LP4951CM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Performance Characteristics (Continued)
Thermal Response
20052858
Application Hints
EXTERNAL CAPACITORS
A 1.0µF (or greater) capacitor is required between the output
and ground for stability at output voltages of 5V or more. At
lower output voltages, more capacitance is required. Without
this capacitor the part will oscillate. Most types of tantalum or
aluminum electrolytics work fine here; even film types work
but are not recommended for reasons of cost. Many alumi-
num electrolytics have electrolytes that freeze at about
−30˚C, so solid tantalums are recommended for operation
below −25˚C. The important parameters of the capacitor are
an ESR of about 5
Ω or less and a resonant frequency above
500 kHz. The value of this capacitor may be increased
without limit.
At lower values of output current, less output capacitance is
required for stability. The capacitor can be reduced to
0.33 µF for currents below 10 mA or 0.1 µF for currents
below 1 mA. Using the 8-pin version at voltages below 5V
runs the error amplifier at lower gains so that more output
capacitance is needed. For the worst-case situation of a
100 mA load at 1.23V output (Output shorted to Feedback) a
3.3 µF (or greater) capacitor should be used.
Unlike many other regulators, the LP4950C will remain
stable and in regulation with no load in addition to the
internal voltage divider. This is especially important in CMOS
RAM keep-alive applications. When setting the output volt-
age of the LP4951C version with external resistors, a mini-
mum load of 1µA is recommended.
A 0.1µF capacitor should be placed from the LP4950C/
LP4951C input to ground if there is more than 10 inches of
wire between the input and the AC filter capacitor or if a
battery is used as the input.
Stray capacitance to the LP4951C Feedback terminal (pin 7)
can cause instability. This may especially be a problem when
using high value external resistors to set the output voltage.
Adding a 100pF capacitor between Output and Feedback
and increasing the output capacitor to at least 3.3µF will fix
this problem.
ERROR DETECTION COMPARATOR OUTPUT
The comparator produces a logic low output whenever the
LP4951C output falls out of regulation by more than approxi-
mately 5%. This figure is the comparator’s built-in offset of
about 60 mV divided by the 1.235 reference voltage. (Refer
to the block diagram in the front of the datasheet.) This trip
level remains “5% below normal” regardless of the pro-
grammed output voltage of the 4951C. For example, the
error flag trip level is typically 4.75V for a 5V output or 11.4V
for a 12V output. The out of regulation condition may be due
either to low input voltage, current limiting, or thermal limit-
ing.
Figure 1 below gives a timing diagram depicting the ERROR
signal and the regulated output voltage as the LP4951C
input is ramped up and down. The ERROR signal becomes
valid (low) at about 1.3V input. It goes high at about 5V input
(the input voltage at which V
OUT
= 4.75V). Since the
LP4951C’s dropout voltage is load-dependent (see curve in
typical performance characteristics), the input voltage trip
point (about 5V) will vary with the load current. The output
voltage trip point (approx. 4.75V) does not vary with load.
The error comparator has an open-collector output which
requires an external pullup resistor. This resistor may be
returned to the output or some other supply voltage depend-
ing on system requirements. In determining a value for this
resistor, note that while the output is rated to sink 400µA, this
sink current adds to battery drain in a low battery condition.
Suggested values range from 100k to 1 M
Ω. The resistor is
not required if this output is unused.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com