Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271-2S Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4271-2S
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2S Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4271-2S Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 12Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 13Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 14Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 15Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 16Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLE 4271-2
Data Sheet
13
Rev. 2.7, 2007-06-25
Watchdog Timing
Figure 6
Time Response, Watchdog Behavior
AES03078
WD, P
t
t WD, L
D
V
VQ
V Ι
VR
W
Ι
V
W
Ι
, tr
t
UDW
V
=
-VLDW
()
UDW
V
-VLDW
()
Ι
DWD
Ι
DWC
t
=
WD, L
C D
W
Ι
, tr
t
WD
, P
t
UDW
V
=
-VLDW
() (
)
Ι
DWC +Ι DWD
Ι
.
DWC Ι DWD
C D
C ;
D
;
UDW
V
VLDW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com