Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271-2S Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4271-2S
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2S Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4271-2S Datasheet HTML 1Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 2Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 3Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 4Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
2
Rev. 2.7, 2007-06-25
TLE 4271-2
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin
Symbol
Function
1I
Input; block to ground directly on the IC with ceramic capacitor.
2INH
Inhibit
3RO
Reset Output; the open collector output is connected to the
5 V output via an integrated resistor of 30 k
Ω.
4GND
Ground
5D
Reset Delay; connect a capacitor to ground for delay time adjustment.
6WI
Watchdog Input
7Q
5-V Output; block to ground with 22
µF capacitor, ESR < 3 Ω.
AEP01939
GND
INH
Ι RO
WI
D
Q
17
GND
INH
Ι RO
1
WI
AEP02017
D
Q
7
AEP01938
INH
RO
GND
17
WI
D
Ι
Q
PG-TO220-7-11
PG-TO220-7-12
PG-TO263-7-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com