Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4287G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4287G
Description  5-V Voltage Regulator Input voltage up to 42 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4287G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4287G Datasheet HTML 1Page - Infineon Technologies AG TLE4287G Datasheet HTML 2Page - Infineon Technologies AG TLE4287G Datasheet HTML 3Page - Infineon Technologies AG TLE4287G Datasheet HTML 4Page - Infineon Technologies AG TLE4287G Datasheet HTML 5Page - Infineon Technologies AG TLE4287G Datasheet HTML 6Page - Infineon Technologies AG TLE4287G Datasheet HTML 7Page - Infineon Technologies AG TLE4287G Datasheet HTML 8Page - Infineon Technologies AG TLE4287G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLE 4287 G
Data Sheet
5
Rev. 1.4, 2009-01-12
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input I
Voltage
V
I
-0.5
42
V
–
Current
I
I
–
–
mA
internally limited
Output Q
Voltage
V
Q
-0.3
7
V
–
Current
I
Q
–
–
–
internally limited
Reset Output RO
Voltage
V
R
-0.3
7
V
–
Current
I
R
–
–
–
internally limited
Reset Delay D
Voltage
V
D
-0.3
42
V
–
Current
I
D
–––
–
Enable EN
Voltage
V
EN
-42
42
V
–
Current
I
EN
-5
5
mA
t
≤ 400 ms
Hold H
Voltage
V
H
-2
7
V
–
Current
I
H
–
–
–
internally limited
Ground GND
Current
I
GND
-0.5
–
A
–
Temperatures
Junction temperature
T
j
-40
150
°C–
Storage temperature
T
stg
-50
150
°C–
ESD Susceptibility
ESD Resistivity to GND
V
ESD
-1.5
1.5
kV
HBM
1)
1) ESD susceptibility, Human Body Model HBM according to EIA/JESD 22-A114B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com