Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4287G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4287G
Description  5-V Voltage Regulator Input voltage up to 42 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4287G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4287G Datasheet HTML 1Page - Infineon Technologies AG TLE4287G Datasheet HTML 2Page - Infineon Technologies AG TLE4287G Datasheet HTML 3Page - Infineon Technologies AG TLE4287G Datasheet HTML 4Page - Infineon Technologies AG TLE4287G Datasheet HTML 5Page - Infineon Technologies AG TLE4287G Datasheet HTML 6Page - Infineon Technologies AG TLE4287G Datasheet HTML 7Page - Infineon Technologies AG TLE4287G Datasheet HTML 8Page - Infineon Technologies AG TLE4287G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet
2
Rev. 1.4, 2009-01-12
TLE 4287 G
The device has two logic inputs, EN and H. It is turned ON by a voltage > 4 V at EN, for
example by the ignition and remains active in case H is set LOW, even if the voltage at
EN goes LOW. This makes it possible to implement a self-holding circuit without external
components. When the device is turned OFF, the output voltage drops to 0 V and current
consumption tends towards 0
µA (see Table 1).
Design Notes for External Components
The input capacitor
C
I is necessary for compensation line influences. The resonant
circuit consisting of lead inductance and input capacitance can be damped by a resistor
of approx. 1
Ω in series with C
I. The output capacitor is necessary for the stability of the
regulating circuit. Stability is guaranteed for
C
Q
≥ 100 nF within the operating
temperature range.
Table 1
State Table for Turn-On/Turn-Off Logic
Enable EN
Hold H
V
Q
Remarks
L
X
0 V
Initial state
H
X
5 V
Regulator switched on via pin 6, by ignition for
example
H
L
5 V
Pin 9 clamped active to GND by controller while
pin 6 is still HIGH
X
L
5 V
Previous state remains, even ignition is shut off:
self-holding state
L
L
5 V
Ignition shut off while regulator is in self-holding
state
L
H
0 V
Regulator shut down by releasing of pin 9 while pin
6 remains LOW, final state. No active clamping
required by external self-holding circuit (
µC) to
keep regulator shut off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com